Part Number Hot Search : 
ATP184SM SP503EF MAX4144 100C1295 245SC 2SB1572 IECJ3200 SHD12
Product Description
Full Text Search
 

To Download BLL1214-250R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLL1214-250R
LDMOS L-band radar power transistor
Rev. 01 -- 4 February 2010 Product data sheet
1. Product profile
1.1 General description
Silicon N-channel enhancement model LDMOS power transistor encapsulated in a 2-lead flange package (SOT502A) with a ceramic cap. The common source is connected to the flange.
Table 1. Test information Typical RF performance at Th = 25 C; tp = 1 ms; = 10 %; in a common source class-AB test circuit. Mode of operation pulsed RF f (GHz) 1.2 to 1.4 VDS (V) 36 IDq (mA) 150 PL (W) Gp (dB) D (%) 47 Pdroop(pulse) (dB) 0.2 tr (ns) 15 tf (ns) 5
250 13
CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken during transport and handling.
1.2 Features
Typical pulsed RF performance at a frequency of 1.2 GHz to 1.4 GHz, a supply voltage of 36 V, an IDq of 150 mA, a tp of 1 ms with of 10 %: Output power = 250 W Power gain = 13 dB Efficiency = 47 % High power gain Easy power control Excellent ruggedness Source on mounting base eliminates DC isolators, reducing common mode inductance.
1.3 Applications
L-band radar applications in the 1.2 GHz to 1.4 GHz frequency range
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
2. Pinning information
Table 2. Pin 1 2 3 Pinning Description drain gate source
[1]
Simplified outline
1 3 2
Graphic symbol
1
2 3
sym112
[1]
Connected to flange.
3. Ordering information
Table 3. Ordering information Package Name BLL1214-250R Description flanged LDMOST ceramic package; 2 mounting holes; 2 leads Version SOT502A Type number
4. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VGS Ptot Tstg Tj Parameter drain-source voltage gate-source voltage total power dissipation storage temperature junction temperature Th 70 C; tp = 1 ms; = 10 % Conditions Min -22 -65 Max 75 +22 400 +150 200 Unit V V A C C
5. Thermal characteristics
Table 5. Symbol Zth(j-h) Thermal characteristics Parameter transient thermal impedance from junction to heatsink Conditions Th = 25 C tp = 100 s; = 10 % tp = 1 ms; = 10 % 0.17 0.32 K/W K/W Typ Unit
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
2 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
6. Characteristics
Table 6. DC characteristics Tj = 25 C. Symbol Parameter VGS(th) IDSS IDSX IGSS gfs RDS(on) gate-source threshold voltage drain leakage current drain cut-off current gate leakage current forward transconductance Conditions VDS = 10 V; ID = 300 mA VGS = 0 V; VDS = 36 V VGS = VGS(th) + 9 V; VDS = 10 V VGS = 20 V; VDS = 0 V VDS = 10 V; ID = 10 A Min 75 4 45 Typ 9 60 Max Unit 5 1 1 V V A A A S m V(BR)DSS drain-source breakdown voltage VGS = 0 V; ID = 3 mA
drain-source on-state resistance VGS = 9 V; ID = 10 A
Table 7. RF characteristics Mode of operation: pulsed RF; tp = 1 ms; = 10 %; f = 1.2 GHz to 1.4 GHz; RF performance at VDS = 36 V; IDq = 150 mA; Th = 25 C; Zth(mb-h) = 0.25 K/W; unless otherwise specified, in a common source class-AB circuit. Symbol PL VDS Gp D Pdroop(pulse) tr tf Parameter output power drain-source voltage power gain drain efficiency pulse droop power rise time fall time PL = 250 W PL = 250 W PL = 250 W PL = 250 W PL = 250 W PL = 250 W Conditions Min Typ Max Unit 250 36 13 47 0.2 15 5 W V dB % dB ns ns
6.1 Ruggedness in class-AB operation
The BLL1214-250R is capable of withstanding a load mismatch corresponding to VSWR = 3 : 1 through all phases under the following conditions: VDS = 36 V; f = 1.2 GHz to 1.4 GHz at rated load power.
7. Application information
7.1 Impedance information
Table 8. Typical impedance Typical values unless otherwise specified. f GHz 1.20 1.25 1.30 1.35 1.40
BLL1214-250R_1
ZS 1.3 - j2.8 1.9 - j2.8 4.6 - j2.9 5.7 - j0.3 2.7 - j1.8
ZL 1.1 - j0.9 1.0 - j0.5 0.8 - j0.2 0.7 - j0.3 0.6 - j0.4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
3 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
drain ZL gate ZS
001aaf059
Fig 1.
Definition of transistor impedance
7.2 Application circuit
Table 9. List of components See Figure 2. The components are situated in one side of the copper-clad Rodgers Duroid 6010 Printed-Circuit Board (PCB); r = 10.2 F/m; thickness = 0.64 mm. The other side is unetched and serves as a ground plane. Component C1, C3 C2, C4 C5, C6 C7 C8
[1] [2]
Description
Value
[1] [1] [2] [2]
Remarks
multilayer ceramic chip capacitor 39 pF multilayer ceramic chip capacitor 47 pF multilayer ceramic chip capacitor 20 nF multilayer ceramic chip capacitor 36 pF electrolytic capacitor 100 F; 100 V
American Technical Ceramics type 100A or capacitor of same quality. American Technical Ceramics type 200B or capacitor of same quality.
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
4 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
40
40
60
C8
C4 C6
C7 C5 C3
C1
C2
mld866
See Table 9 for list of components. Dimensions in mm. The components are situated in one side of the copper-clad Rodgers Duroid 6010 Printed-Circuit Board (PCB); r = 10.2 F/m; thickness = 0.64 mm. The other side is unetched and serves as a ground plane.
Fig 2.
Component layout
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
5 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
8. Test information
8.1 RF performance
mld858 mld859
300 PL (W) 200
300 PL (W) 200
(3)
(3) (2)
100
(1)
100
(1)
(2)
0 0 4 8 12 Pi (W) 16
0 0 4 8 12 Pi (W) 16
tp = 1 ms; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
tp = 100 s; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
Fig 3.
Output power as a function of input power; typical values
16
mld860 (3)
Fig 4.
Output power as a function of input power; typical values
16
mld861 (3)
Gp (dB)
(2)
Gp (dB) 12
(2)
(1)
(1)
12
8
8
4
4
0 0 100 200 PL (W) 300
0 0 100 200 PL (W) 300
tp = 1 ms; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
tp = 100 s; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
Fig 5.
Power gain as a function of load power; typical values
Fig 6.
Power gain as a function of load power; typical values
(c) NXP B.V. 2010. All rights reserved.
BLL1214-250R_1
Product data sheet
Rev. 01 -- 4 February 2010
6 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
60
(1)
mld862
60 D (%)
mld863
D (%)
(2) (3)
(1) (2) (3)
40
40
20
20
0 0 100 200 PL (W) 300
0 0 100 200 PL (W) 300
tp = 1 ms; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
tp = 100 s; = 10 %. (1) f = 1.2 GHz. (2) f = 1.3 GHz. (3) f = 1.4 GHz.
Fig 7.
Drain efficiency as a function of load power; typical values
mld864
Fig 8.
Drain efficiency as a function of load power; typical values
mld865
15 Gp (dB) 14 D Gp 13
60 D (%) 50
15 Gp (dB) 14
Gp D
60 D (%) 50
40
13
40
12
30
12
30
11
20
11
20
10 1.15
1.25
1.35
f (GHz)
10 1.45
10 1.15
1.25
1.35
f (GHz)
10 1.45
tp = 1 ms; = 10 %.
tp = 100 s; = 10 %.
Fig 9.
Power gain and drain efficiency as function of frequency; typical values
Fig 10. Power gain and drain efficiency as function of frequency; typical values
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
7 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
9. Package outline
Flanged LDMOST ceramic package; 2 mounting holes; 2 leads SOT502A
D
A
3
D1
F
U1 q C
B c
1
L
H
U2
p w1 M A M B M
E1
E
A
2
b w2 M C M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.43 0.186 0.135 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 p 3.38 3.12 Q 1.70 1.45 q 27.94 U1 34.16 33.91 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.25 0.01 w2 0.51 0.02
20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774
0.505 0.006 0.495 0.003
0.374 0.375 0.366 0.364
0.045 0.785 0.035 0.745
0.210 0.133 0.170 0.123
0.067 1.100 0.057
OUTLINE VERSION SOT502A
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 99-12-28 03-01-10
Fig 11. Package outline SOT502A
BLL1214-250R_1 (c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
8 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
10. Abbreviations
Table 10. Acronym DC LDMOS LDMOST RF L-band VSWR Abbreviations Description Direct Current Laterally Diffused Metal-Oxide Semiconductor Laterally Diffused Metal-Oxide Semiconductor Transistor Radio Frequency Long wave band Voltage Standing-Wave Ratio
11. Revision history
Table 11. Revision history Release date 20100204 Data sheet status Product data sheet Change notice Supersedes Document ID BLL1214-250R_1
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
9 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Product specification -- The information and data provided in a Product data sheet shall define the specification of the product as agreed between NXP Semiconductors and its customer, unless NXP Semiconductors and customer have explicitly agreed otherwise in writing. In no event however, shall an agreement be valid in which the NXP Semiconductors product is deemed to offer functions and qualities beyond those described in the Product data sheet.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. NXP Semiconductors does not accept any liability related to any default, damage, costs or problem which is based on a weakness or default in the customer application/use or the application/use of customer's third party customer(s) (hereinafter both referred to as "Application"). It is customer's sole responsibility to check whether the NXP Semiconductors product is suitable and fit for the Application planned. Customer has to do all necessary testing for the Application in order to avoid a default of the Application and the product. NXP Semiconductors does not accept any liability in this respect. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) will cause permanent damage to the device. Limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the Recommended operating conditions section (if present) or the Characteristics sections of this document is not warranted. Constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. Terms and conditions of commercial sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. In case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. NXP Semiconductors hereby expressly objects to applying the customer's general terms and conditions with regard to the purchase of NXP Semiconductors products by customer. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Non-automotive qualified products -- Unless the data sheet of an NXP Semiconductors product expressly states that the product is automotive qualified, the product is not suitable for automotive use. It is neither qualified nor tested in accordance with automotive testing or application requirements. NXP Semiconductors accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. In the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without NXP Semiconductors' warranty of the
(c) NXP B.V. 2010. All rights reserved.
12.3 Disclaimers
Limited warranty and liability -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. In no event shall NXP Semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. Notwithstanding any damages that customer might incur for any reason whatsoever, NXP Semiconductors' aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the Terms and conditions of commercial sale of NXP Semiconductors. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
BLL1214-250R_1
Product data sheet
Rev. 01 -- 4 February 2010
10 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond NXP Semiconductors' specifications such use shall be solely at customer's own risk, and (c) customer fully indemnifies NXP Semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond NXP Semiconductors' standard warranty and NXP Semiconductors' product specifications.
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BLL1214-250R_1
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 -- 4 February 2010
11 of 12
NXP Semiconductors
BLL1214-250R
LDMOS L-band radar power transistor
14. Contents
1 1.1 1.2 1.3 2 3 4 5 6 6.1 7 7.1 7.2 8 8.1 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics . . . . . . . . . . . . . . . . . . 2 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ruggedness in class-AB operation . . . . . . . . . 3 Application information. . . . . . . . . . . . . . . . . . . 3 Impedance information . . . . . . . . . . . . . . . . . . . 3 Application circuit . . . . . . . . . . . . . . . . . . . . . . . 4 Test information . . . . . . . . . . . . . . . . . . . . . . . . . 6 RF performance . . . . . . . . . . . . . . . . . . . . . . . . 6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 Legal information. . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Contact information. . . . . . . . . . . . . . . . . . . . . 10 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 4 February 2010 Document identifier: BLL1214-250R_1


▲Up To Search▲   

 
Price & Availability of BLL1214-250R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X